Part Number Hot Search : 
BA6124 RU30100L SR1660 INTER 10471 5DC24 92HD93 GP2U06
Product Description
Full Text Search
 

To Download AM50-0011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Dynamic Range LNA 800 - 1000 MHz
V 2.00
AM50-0011
Features
n n n n n
Functional Schematic
VDD
Ideal for Base Station Applications High Gain Low Noise Figure High Input IP3 Single +5 V Supply Voltage
VBC
L2
C3 OUT
Description
M/A-COM's AM50-0011 is a high dynamic range, GaAs MMIC, low noise amplifier in a low-cost SOT-26 package. It employs external matching to obtain optimum noise figure and intercept performance. The AM50-0011 may be operated with supply voltages of +5 V. The AM50-0011 is ideally suited for use where low noise figure, high gain, and high dynamic range are required. Typical applications included receiver front ends in AMPS, GSM and ETACS base stations. It may also be used as an IF amplifier in certain other communication systems. M/A-COM fabricates the AM50-0011 using a low-cost 0.5micron gate E-D SAGFET GaAs process that features full passivation for reliability and performance. M/A-COM fully tests all assembled GaAs IC's for RF and DC performance against guaranteed specifications using automated RF IC handling and test equipment before shipping to customers.
GND C1 IN L1 C2 GND GND
Pin Configuration
PIN No. 1 2 3 4 5 6 PIN VBC GND RF IN GND GND RF OUT Description Bias Control Voltage Ground RF Input Ground Ground RF Output
Absolute Maximum Ratings 1
Parameter Supply Voltage RF Input Power Operating Temperature Storage Temperature Absolute Maximum 6 volts 8 dBm -40 to +85 C -65 to +150 C Part L1 L2 C1 C2 C3 1. Exceeding any one or combination of these limits may cause permanent damage. 2. Minimum MTTF is 1x106 85C, at +5 V and 75 mA Value 7.5 nH 68 nH 33 pF 100 pF 100 pF
High Dynamic Range LNA, 800 - 1000 MHz
AM50-0011
V 2.00
Electrical Specifications: TA = 25 C, Z0 = 50 , F = 900 MHz, PIN = -25 dBm, VBC = 5 V, Supply Voltage = 5 V1
Parameter
Gain Noise Figure Output P1dB Supply Current Input IP3 Input VSWR Output VSWR 1. All measurements are taken into a 50-ohm system unless otherwise specified. Units dB dB dBm mA dBm 12 Min. 15 Typ. 16 0.8 15.5 52 14.4 1.8:1 1.9:1 75 Max. 17 1.3
Typical S-Parameters at 5.0 Volts
Frequency MHz 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 2900 3000 Mag 0.48 0.51 0.53 0.54 0.57 0.58 0.59 0.60 0.61 0.63 0.64 0.64 0.66 0.66 0.67 0.68 0.68 0.69 0.69 0.69 0.69 0.69 0.70 0.70 0.71 0.72 0.72 0.72 0.73 S11 Ang -49.66 --66.15 -79.22 -91.86 -101.06 -110.79 -117.54 -124.29 -129.68 -135.05 -139.81 -144.08 -147.34 -151.48 -154.72 -158.72 -162.04 -164.46 -166.68 -169.52 -171.95 -173.86 -175.94 -177.82 -179.80 178.28 176.15 174.28 172.15 Mag 9.34 8.88 8.21 7.60 7.12 6.46 6.05 5.55 5.18 4.83 4.49 4.19 3.94 3.69 3.49 3.23 3.04 2.88 2.74 2.59 2.49 2.37 2.25 2.17 2.06 1.96 1.87 1.77 1.69 S21 Ang 154.18 142.56 134.07 125.78 117.55 110.04 104.16 97.31 92.23 86.25 81.33 76.49 71.84 67.45 62.89 59.27 55.70 52.15 48.73 45.76 41.82 38.64 35.32 31.63 27.98 24.6 21.63 18.68 15.50 Mag 0.03 0.04 0.04 0.05 0.05 0.06 0.06 0.06 0.07 0.08 0.08 0.08 0.09 0.09 0.10 0.10 0.10 0.10 0.11 0.11 0.11 0.12 0.12 0.12 0.12 0.12 0.13 0.13 0.13 S12 Ang 27.77 22.36 29.75 36.41 33.59 33.73 33.13 34.47 33.42 31.44 33.56 32.18 29.66 28.63 28.38 27.84 26.22 25.25 23.15 23.26 21.07 19.72 18.62 15.49 14.81 11.42 10.29 9.49 7.26 Mag 0.22 0.25 0.23 0.26 0.26 0.27 0.27 0.28 0.28 0.29 0.30 0.31 0.32 0.34 0.36 0.39 0.40 0.41 0.42 0.43 0.44 0.44 0.44 0.43 0.45 0.45 0.47 0.49 0.52 S22 Ang 176.29 168.84 165.03 155.77 152.78 147.26 141.77 135.23 130.14 124.27 117.78 110.61 105.59 99.61 96.38 92.40 89.88 88.46 85.35 83.28 78.45 76.69 72.60 67.17 62.63 56.21 51.44 48.17 43.42
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2
High Dynamic Range LNA, 800 - 1000 MHz Typical Performance Curves at VDD = 5 Volts
Typical Noise Figure
1.9 1.7 1.5
19 18 17
AM50-0011
V 2.00
Typical Gain
-45C
Gain (dB)
NF (dB)
1.3 1.1
85C 25C
16 15 14
25C 85C
0.9 0.7 0.5 700 -40C
13 12 700
800
900
1000
800
900
1000
FREQUENCY (MHz)
FREQUENCY (MHz)
Output VSWR
3.0 2.8 2.6 2.4
-45C
3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4
Input VSWR
25C
VSWR
2.2 2.0 1.8 1.6 1.4 1.2 1.0 700 800 900 1000 1100
25C 85C
VSWR
-45C
85C
1.2 1.0 700 800 900 1000 1100
FREQUENCY (MHz)
FREQUENCY (MHz)
Typical Current
70 65
Typical Input IP3
18
85C
16
25C
Current (mA)
IP3 (dBm)
60 55 50 45 40 -40 -15 10 35 60 85
14
12
-45C
10 800
900
1000
TEMPERATURE (C)
FREQUENCY (MHz)
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
3
High Dynamic Range LNA, 800 - 1000 MHz Typical Performance Curves at VDD = 5 Volts (Cont'd)
Typical P1dB
20 19
AM50-0011
V 2.00
-40C
18
25C
P1dB (dBm)
17 16 15 14 13 12 800
85C
900 1000
FREQUENCY (MHz)
SOT-261
D ee A
PIN 1
SOT-26
Dim
A A1 A3 b
Measurement (mm) Min. Nom. Max. 0.90 1.10 1.30 0 0.62 0.35 0.10 2.70 1.50 2.6 0.20 0.05 0.79 0.40 0.15 2.90 0.95 1.60 2.80 1.80 3.00 0.10 1.89 0.50 0.25 3.10
E
HE
L
c D e E
A3 b
A1
c
HE L
1. See EIAJ ED-7500A, SC-74 for additional dimensional and tolerance information.
Ordering Information
Part Number AM50-0011TR AM50-0011TR 3000 AM50-0011SMB Package 1000 Tape and Reel1 3000 Tape and Reel1 Sample Test Board
1. If specific reel size is required, consult factory for part number assignment.
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
4


▲Up To Search▲   

 
Price & Availability of AM50-0011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X